công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R0664 bảng dữ liệu(PDF) 77 Page - Holtek Semiconductor Inc

tên linh kiện HT46R0664
Giải thích chi tiết về linh kiện  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 bảng dữ liệu(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
Rev. 1.00
76
����st 1�� �011
Rev. 1.00
77
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
LVD Operation
The Low Voltage Detector function operates by comparing the power supply voltage, VDD, with a
pre-specified voltage level stored in the LVDC register. This has a range of between 2.0V and 4.0V.
When the power supply voltage, VDD, falls below this pre-determined value, the LVDO bit will be
set high indicating a low power supply voltage condition. The Low Voltage Detector function is
supplied by a reference voltage which will be automatically enabled. When the device is powered
down the low voltage detector will remain active if the LVDEN bit is high. After enabling the Low
Voltage Detector, a time delay tLVDS should be allowed for the circuitry to stabilise before reading the
LVDO bit. Note also that as the VDD voltage may rise and fall rather slowly, at the voltage nears that
of VLVD, there may be multiple bit LVDO transitions.
VDD
VLVD
LVDO
LVDEN
tLVDS
LVD Operation
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device
during the programming process. During the development process, these options are selected using
the HT-IDE software development tools. As these options are programmed into the device using
the hardware programming tools, once they are selected they cannot be changed later using the
application program. All options must be defined for proper system function, the details of which are
shown in the table.
No.
Options
1
Watchdo� Timer F�nction: �lways Enable or by S/W control
�
fs clock so�rce: LIRC� fSYS or LXT
3
HIRC Freq�ency Selection: 4MHz� 8MHz or 1�MHz
4
System oscillator configuration: HXT, HIRC, ERC, HIRC+LXT
5
�lways Enabled or �pplication Pro�ram Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com