| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90SCR100 bảng dữ liệu(PDF) 389 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 bảng dữ liệu(HTML) 389 Page - ATMEL Corporation |
|
389 / 433 page ![]() 389 TPR0327AY–SMS–30Jan09 AT90SCR100 29.8.10 Programming Command Register The Programming Command Register is a 15-bit register. This register is used to serially shift in programming commands, and to serially shift out the result of the previous command, if any. The JTAG Programming Instruction Set is shown in Table 29-12. The state sequence when shifting in the programming commands is illustrated in Figure 29-7. Figure 29-6. Programming Command Register TDI TDO S T R O B E S A D D R E S S / D A T A Flash EEPROM Fuses Lock Bits |