| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90SCR100 bảng dữ liệu(PDF) 384 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 bảng dữ liệu(HTML) 384 Page - ATMEL Corporation |
|
384 / 433 page ![]() 384 TPR0327AY–SMS–30Jan09 AT90SCR100 Notes: 1. Not all instructions are applicable for all parts. 2. a = address If the LSB in RDY/BSY data byte out is ‘1’, a programming operation is still pending. Wait until this bit returns ‘0’ before the next instruction is carried out. Within the same page, the low data byte must be loaded prior to the high data byte. After data is loaded to the page buffer, program the EEPROM page, see Figure 29-2 on page 385. Read Program Memory, Low byte $20 adr MSB adr LSB low data byte out Read EEPROM Memory $A0 0000 00aa(2) aaaa aaaa(2) data byte out Read Lock bits $58 $00 $00 data byte out Read Signature Byte $30 $00 0000 aaaa(2) data byte out Read Fuse bits $50 $00 $00 data byte out Read Fuse High bits $58 $08 $00 data byte out Read Extended Fuse Bits $50 $08 $00 data byte out Read Calibration Byte $38 $00 $00 data byte out Write Instructions Write Program Memory Page $4C adr MSB adr LSB $00 Write EEPROM Memory $C0 0000 00aa(2) aaaa aaaa(2) data byte in Write EEPROM Memory Page (page access) $C2 0000 00aa(2) aaaa aa00(2) $00 Write Lock bits $AC $E0 $00 data byte in Write Fuse bits $AC $A0 $00 data byte in Write Fuse High bits $AC $A8 $00 data byte in Write Extended Fuse Bits $AC $A4 $00 data byte in Table 29-11. Serial Programming Instruction Set (Hexadecimal values) Instruction/Operation Instruction Format Byte 1 Byte 2 Byte 3 Byte4 1. Bits are programmed ‘0’, unprogrammed ‘1’. 2. To ensure future compatibility, unused Fuses and Lock bits should be unprogrammed (‘1’) . 3. Refer to the correspondig section for Fuse and Lock bits, Calibration and Signature bytes and Page size. 4. See htt://www.atmel.com/avr for Application Notes regarding program- ming and programmers. Note |