| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90SCR100 bảng dữ liệu(PDF) 186 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 bảng dữ liệu(HTML) 186 Page - ATMEL Corporation |
|
186 / 433 page ![]() 186 TPR0327AY–SMS–30Jan09 AT90SCR100 Figure 15-9. SCIB Activation Warm Reset Sequence The removal of the smart card will automatically start the power off sequence as described in Figure 15-10. The SCIB deactivation sequence after a reset of the CPU or after a lost of power supply is ISO7816-3 compliant. The switch order of the signals is the same as in Figure 15-10 but the delay between signals is analog and not clock dependant. Figure 15-10. SCIB Deactivation Sequence after a Card Extraction 15.5.8 Interrupt Generator There are several sources of interruption issued by the SCIB. All these interrupts generate the signal: SCIB interruption. See “Interrupts” on page 63. Data Undefined Td + Tf Td=T + te CIO CCLK CRST CVcc Undefined 8 Clock Cycles CIO CCLK CRST CVcc |