| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP18KB bảng dữ liệu(PDF) 155 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP18KB bảng dữ liệu(HTML) 155 Page - NEC |
|
155 / 373 page ![]() CHAPTER 8 ANALOG/DIGITAL CONVERTER FUNCTIONS The µPD78C18 incorporates a high-precision 8-bit A/D converter with 8 analog inputs which uses the successive approximation method, and four conversion result registers (CR0 to CR3) to hold the conversion results. The provision of a scan mode and select mode for analog input selection minimizes the software overhead. 8.1 Analog/Digital Converter Configuration The A/D converter consists of an input circuit, series resistance string, voltage comparator, successive approximation logic, and registers CR0 to CR3 (see Figure 8-1). The 8 analog inputs are multiplexed on the chip, and are selected by the specification of the A/D channel mode register (ANM). The selected analog input is sampled by the sampling & hold circuit and becomes one of the voltage comparator inputs. The voltage comparator amplifies the difference between the analog input and the voltage tap of the series resistance string. The series resistance string is connected between the A/D reference voltage pin (VAREF) and the A/D ground (AVSS), and consists of a total of 257 resistors comprising 255 equal resistors and two resistors equal to half that value to provide 256 voltage steps between the two pins. The series resistance string voltage tap is selected by the tap decoder. This decoder is driven by the 8-bit successive approximation register (SAR). One bit of the SAR is set at a time starting from the most significant bit (MSB) until the value of the series resistance string voltage tap matches the voltage value of the analog input. That is, when conversion starts the MSB of the SAR is set (1), and the series resistance string voltage tap is made 1/2 VAREF and is compared with the analog input. If the analog input is greater than 1/2 VAREF, the MSB of the SAR remains set; if smaller than 1/2 VAREF, the MSB is reset and the operation proceeds to comparison with the next upper bit after the MSB reset. Here, (i.e. for bit 7), the series resistance string voltage tap is made 3/4 VAREF or 1/4 VAREF and is compared with the analog input. The comparison process continues this way up to the least significant bit of the SAR (binary search method). When the 8-bit comparison ends the SAR contains the valid digital result, and this result is serially latched into registers CR0 to CR3. When the A/D conversion result has been latched into all the registers, CR0 to CR3, and INTAD A/D conversion termination interrupt is generated. The A/D converter has independent power supply pins (AVDD and AVSS), and the effects of power supply fluctuations and system noise can be minimized by supplying a stable power supply to these pins. The A/D converter can also vary the voltage range for conversion by varying VAREF. and the A/D converter operation can be controlled by inputting a low-level signal to VAREF. 137 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |