công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 369 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 369 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 365Page - NEC MPD78CP18KB Datasheet HTML 366Page - NEC MPD78CP18KB Datasheet HTML 367Page - NEC MPD78CP18KB Datasheet HTML 368Page - NEC MPD78CP18KB Datasheet HTML 369Page - NEC MPD78CP18KB Datasheet HTML 370Page - NEC MPD78CP18KB Datasheet HTML 371Page - NEC MPD78CP18KB Datasheet HTML 372Page - NEC MPD78CP18KB Datasheet HTML 373Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 369 / 373 page
background image
APPENDIX B
DEVELOPMENT TOOLS
351
Debugging Tools
An in-circuit emulator (IE-78C11-M) is available as a program debugging tool for 87AD series products. The system
configuration is shown below.
Hardware
IE-78C11-M
The IE-78C11-M is an in-circuit emulator for the 87AD series.
The IE-78C11-M is used alone for a plastic QUIP, or in conjunction with the conversion
socket for a plastic shrink DIP. Efficient debugging is possible by connection to a host
machine.
EV-9001-64
Conversion socket for use with a plastic shrink DIP.
Used in conjunction with the IE-78C11-M.
EV-9200G-64
64-pin WQFN socket. Can be used in conjunction with the
µPD78CP14KB/
78CP18KB, by which 64-pin plastic QFP products with window are superseded.
Software
Connects the IE-78C11-M to the host machine via RS-232-C, and controls the IE-
78C11-M on the host machine.
Host
Ordering code
machine
OS
Supply medium
(Product name)
MS-DOS
Ver. 2.11
Ver. 3.30D
PC DOS
(Ver.3.1)
Remark
Operation of IE controller is guaranteed only on the host machines and operating systems quoted above.
Related Documents
• Hardware tools
•
IE-78C11 Control Program User's Manual (EEU-1368)
• Software tools
•
RA87 Assembler Package User's Manual
PC-9800 Series (MS-DOS) Based, IBM PC (PC DOS) Based (EEM-1202)
•
Macro Processor User's Manual (EEM-1041)
PC-9800 series
µS5A13IE78C11
µS5A10IE78C11
3.5-inch 2HD
5-inch 2HD
IBM PC/AT
µS7B10IE78C11
5-inch 2HC
IE-78C11-M control
program (IE controller)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com