công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 258 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 258 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 254Page - NEC MPD78CP18KB Datasheet HTML 255Page - NEC MPD78CP18KB Datasheet HTML 256Page - NEC MPD78CP18KB Datasheet HTML 257Page - NEC MPD78CP18KB Datasheet HTML 258Page - NEC MPD78CP18KB Datasheet HTML 259Page - NEC MPD78CP18KB Datasheet HTML 260Page - NEC MPD78CP18KB Datasheet HTML 261Page - NEC MPD78CP18KB Datasheet HTML 262Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
240
LDAX rpa2
(Load A with Memory addressed by Register Pair)
<1> Operation code
:
A3
0101A2
A1
A0
Data
<2> Number of bytes/states:
The number of bytes and number of states are as shown below, depending on the rpa2 specification.
rpa2
B
D
H
D+ H+ D– H–
D+byte
H+A
H+B
H+EA
H+byte
Number of bytes
1
2
1
2
Number of states
7 (4)
13 (7)
<3> Function
:
A
← (rpa2)
Loads the contents of the memory addressed by the register pair rpa2 (BC, DE, HL, DE+, HL+, DE–,
HL–, DE+byte, HL+A, HL+B, HL+EA, HL+byte) specified by A3A2A1A0 (1 to 7, B to F) into the accumulator.
If auto-increment/auto-decrement is specified, the contents of the register pair (DE or HL) are automatically
incremented or decremented by 1 after the accumulator has been loaded.
If DE+byte or HL+byte is specified as rpa2, the memory is addressed by the result of adding the 2nd byte
(Data) of the instruction to the contents of DE/HL. If HL+A, HL+B, or HL+EA is specified, the memory is
addressed by the result of adding the contents of the register (A, B, EA) to the contents of HL.
<4> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
<5> Example
:
LXI
H, 4000H
; HL
← 4000H
MVI
B, 20H
; B
← 20H
LDAX
H+B
; A
← (4020H)
This example loads the contents of address 4020H into A.
EXX
(Exchange Register Sets)
<1> Operation code
:
00010001
<2> Number of bytes :
1
<3> Number of states :
4 (4)
<4> Function
:
B
B', C
C', D
D', E
E', H
H', L
L'
Exchanges the contents of registers B, C, D, E, H, L with the contents of registers B', C', D', E', H', L'.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
→
←
→
←
→
←
→
←
→
←
→
←



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com