công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 250 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 250 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 246Page - NEC MPD78CP18KB Datasheet HTML 247Page - NEC MPD78CP18KB Datasheet HTML 248Page - NEC MPD78CP18KB Datasheet HTML 249Page - NEC MPD78CP18KB Datasheet HTML 250Page - NEC MPD78CP18KB Datasheet HTML 251Page - NEC MPD78CP18KB Datasheet HTML 252Page - NEC MPD78CP18KB Datasheet HTML 253Page - NEC MPD78CP18KB Datasheet HTML 254Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
232
Operation code
01110000
00101110
Low address
High address
Example
2.
SDED word
If the label DST is used as "word", the instruction is written as shown below.
SDED DST
If DST is assumed to be 4000H, the corresponding operation code is as follows:
14.5 Number of States Required for Skipping
The number in parentheses indicated in "<3> Number of states" in the instruction set descriptions is the number
of idle states consumed without any operation when that instruction is skipped.
The number of idle states when the instruction is skipped is 4 in the case of the OP code and 3 in the case of
immediate data.
Example MVI sr2, byte instruction (3-byte instruction)
01100100
S3
0000S2
S1
S0
Data
As the 1st and 2nd bytes are the OP code the number of idle states is 4, and as the 3rd byte is immediate
data, the number of idle states is 3.
Therefore, the number of idle states consumed when this instruction is skipped is 4 + 4 + 3 = 11.
Operation code
01110000
00101110
00000000
01000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com