công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 236 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 236 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 232Page - NEC MPD78CP18KB Datasheet HTML 233Page - NEC MPD78CP18KB Datasheet HTML 234Page - NEC MPD78CP18KB Datasheet HTML 235Page - NEC MPD78CP18KB Datasheet HTML 236Page - NEC MPD78CP18KB Datasheet HTML 237Page - NEC MPD78CP18KB Datasheet HTML 238Page - NEC MPD78CP18KB Datasheet HTML 239Page - NEC MPD78CP18KB Datasheet HTML 240Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
218
14.3.3 Direct addressing
The contents of the memory addressed by the immediate data in the low-order 5 bits of the operation code are
loaded into the PC and a jump is performed. This is performed when the following instruction is executed.
15
PC
87
0
Memory
Low address
High address
15
Effective address =
87
0
0
7
Operation code
0
1 00
ta
CALT word
654
65
1
0000000
1 0
0
ta
Effective address
Effective address + 1
14.3.4 Relative addressing
The result of adding the immediate data (displacement value: jdisp1) in the low-order 6 bits of the operation code
to the start address of the next instruction is loaded into the PC and a jump is performed. The displacement value
is handled as signed two's complement data (–32 to +31), with bit 5 as the sign bit. This is performed when the
following instruction is executed.
15
PC + 1
0
7
Operation code
0
1 1
jdisp1
65
15
0
4
XS
15
0
PC
JR word
+
5
6
jdisp1
S = 0: X = AII 0's
S = 1: X = AII 1's



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com