công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 185 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 185 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 181Page - NEC MPD78CP18KB Datasheet HTML 182Page - NEC MPD78CP18KB Datasheet HTML 183Page - NEC MPD78CP18KB Datasheet HTML 184Page - NEC MPD78CP18KB Datasheet HTML 185Page - NEC MPD78CP18KB Datasheet HTML 186Page - NEC MPD78CP18KB Datasheet HTML 187Page - NEC MPD78CP18KB Datasheet HTML 188Page - NEC MPD78CP18KB Datasheet HTML 189Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 373 page
background image
CHAPTER 9
INTERRUPT CONTROL FUNCTIONS
167
9.5 Interrupt Operation by SOFTI Instruction
When the SOFTI instruction is executed, the program jumps unconditionally to the interrupt address (0060H).
The SOFTI instruction interrupt is not affected by the IE F/F, and the IE F/F is not affected when this instruction
is executed.
The servicing procedure for an interrupt generated by the SOFTI instruction is as follows:
(i)
The PSW, upper PC byte and lower PC byte are saved to the stack memory in that order.
(ii)
The program jumps to the interrupt address (0060H).
When execution of the interrupt service routine ends, processing is performed to return to the address at which
the interrupt was acknowledged. First, registers, flags, etc., other than the PSW which have been saved are restored.
Next, a RETI instruction is executed to restore the previously saved return address and PSW in the order: lower
PC byte, upper PC byte, PSW.
Caution If the skip condition is satisfied by the instruction (arithmetic or logical operation, increment/
decrement, shift, skip or RETS instruction) immediately before the SOFTI instruction, the SOFTI
instruction is executed and not skipped. When SOFTI instruction is executed, the SK flag of the
PSW is saved as set (1) to the stack area. Thus, when the return is made from the SOFTI service
routine, the PSW SK flag remains set and the instruction following the SOFTI instruction is
skipped.
Note that the 87AD series SOFTI instruction differs from that of the
µCOM-87 in that the address
contents saved to the stack memory are the start address of the next instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com