công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 26 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 26 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 22Page - Renesas Technology Corp AT45DB641E Datasheet HTML 23Page - Renesas Technology Corp AT45DB641E Datasheet HTML 24Page - Renesas Technology Corp AT45DB641E Datasheet HTML 25Page - Renesas Technology Corp AT45DB641E Datasheet HTML 26Page - Renesas Technology Corp AT45DB641E Datasheet HTML 27Page - Renesas Technology Corp AT45DB641E Datasheet HTML 28Page - Renesas Technology Corp AT45DB641E Datasheet HTML 29Page - Renesas Technology Corp AT45DB641E Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 26
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
7.12 Program/Erase Resume
The Program/Erase Resume command allows a suspended program or erase operation to be resumed and
continue where it left off.
To perform a Program/Erase Resume, an opcode of D0h must be clocked into the device. No address bytes need
to be clocked into the device, and any data clocked in after the opcode are ignored. When the CS pin is
deasserted, the program or erase operation currently suspended is resumed within a time of tRES. The PS1 bit,
PS2 bit, or ES bit in the Status Register are then reset back to a Logic 0 state to indicate that the program or erase
operation is no longer suspended. In addition, the RDY/BUSY bit in the Status Register indicates that the device is
busy performing a program or erase operation.
During a simultaneous Erase Suspend/Program Suspend condition, issuing the Program/Erase Resume
command results in the program operation resuming first. After the program operation has been completed, the
Program/Erase Resume command must be issued again in order for the erase operation to be resumed.
While the device is busy resuming a program or erase operation, any attempts at issuing the Program/Erase
Suspend command are ignored. Thus, if a resumed program or erase operation needs to be subsequently
suspended again, the system must either wait the entire tRES time before issuing the Program/Erase Suspend
command, or it must check the status of the RDY/BUSY bit or the appropriate PS1, PS2, or ES bit in the Status
Register to determine if the previously suspended program or erase operation has resumed.
Main Memory to Buffer 1 Compare
Not Allowed
Allowed
Allowed
Main Memory to Buffer 2 Compare
Allowed
Not Allowed
Allowed
Enter Deep Power-Down
Not Allowed
Not Allowed
Not Allowed
Resume from Deep Power-Down
Not Allowed
Not Allowed
Not Allowed
Enter Ultra-Deep Power-Down mode
Not Allowed
Not Allowed
Not Allowed
Read Configuration Register
Allowed
Allowed
Allowed
Read Status Register
Allowed
Allowed
Allowed
Read Manufacturer and Device ID
Allowed
Allowed
Allowed
Reset (via Hardware or Software)
Allowed
Allowed
Allowed
Table 5. Operations Allowed and Not Allowed During Suspend (Continued)
Command
Operation During
Program Suspend in
Buffer 1 (PS1)
Operation During
Program Suspend in
Buffer 2 (PS2)
Operation During Erase
Suspend (ES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com