công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 41 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 41 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 37Page - Renesas Technology Corp AT45DB641E Datasheet HTML 38Page - Renesas Technology Corp AT45DB641E Datasheet HTML 39Page - Renesas Technology Corp AT45DB641E Datasheet HTML 40Page - Renesas Technology Corp AT45DB641E Datasheet HTML 41Page - Renesas Technology Corp AT45DB641E Datasheet HTML 42Page - Renesas Technology Corp AT45DB641E Datasheet HTML 43Page - Renesas Technology Corp AT45DB641E Datasheet HTML 44Page - Renesas Technology Corp AT45DB641E Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 41
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
1. R = Readable only.
10.4.1
RDY/BUSY Bit
The RDY/BUSY bit is used to determine whether or not an internal operation, such as a program or erase, is in
progress. To poll the RDY/BUSY bit to detect the completion of an internally timed operation, new Status Register
data must be continually clocked out of the device until the state of the RDY/BUSY bit changes from a Logic 0 to a
Logic 1.
10.4.2
COMP Bit
The result of the most recent Main Memory Page to Buffer Compare operation is indicated using the COMP bit. If
the COMP bit is a Logic 1, then at least one bit of the data in the Main Memory Page does not match the data in
the buffer.
10.4.3
DENSITY Bits
The device density is indicated using the DENSITY bits. For the AT45DB641E, the four bit binary value is 1111.
The decimal value of these four binary bits does not actually equate to the device density; the four bits represent a
combinational code relating to differing densities of DataFlash devices. The DENSITY bits are not the same as the
density code indicated in the JEDEC Device ID information. The DENSITY bits are provided only for backward
compatibility to older generation DataFlash devices.
10.4.4
PROTECT Bit
The PROTECT bit provides information to the user on whether or not the sector protection has been enabled or
disabled, either by the software-controlled method or the hardware-controlled method.
Table 21. Status Register Format – Byte 2
Bit
Name
Type[1]
Description
7
RDY/BUSY
Ready/Busy Status
R
0
Device is busy with an internal operation.
1
Device is ready.
6RES
Reserved for Future Use
R0
Reserved for future use.
5
EPE
Erase/Program Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4RES
Reserved for Future Use
R0
Reserved for future use.
3
SLE
Sector Lockdown Enabled
R
0
Sector Lockdown command is disabled.
1
Sector Lockdown command is enabled.
2PS2
Program Suspend Status
(Buffer 2)
R
0
No program operation has been suspended while using Buffer 2.
1
A sector is program suspended while using Buffer 2.
1PS1
Program Suspend Status
(Buffer 1)
R
0
No program operation has been suspended while using Buffer 1.
1
A sector is program suspended while using Buffer 1.
0
ES
Erase Suspend
R
0
No sectors are erase suspended.
1
A sector is erase suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com