công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 53 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 53 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 49Page - Renesas Technology Corp AT45DB641E Datasheet HTML 50Page - Renesas Technology Corp AT45DB641E Datasheet HTML 51Page - Renesas Technology Corp AT45DB641E Datasheet HTML 52Page - Renesas Technology Corp AT45DB641E Datasheet HTML 53Page - Renesas Technology Corp AT45DB641E Datasheet HTML 54Page - Renesas Technology Corp AT45DB641E Datasheet HTML 55Page - Renesas Technology Corp AT45DB641E Datasheet HTML 56Page - Renesas Technology Corp AT45DB641E Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 53
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
1. Legacy commands are not recommended for new designs.
2. Legacy commands operate from 2.30 V to 3.60 V VCC only.
Table 29. Protection and Security Commands
Command
Opcode
Enable Sector Protection
3Dh + 2Ah + 7Fh + A9h
Disable Sector Protection
3Dh + 2Ah + 7Fh + 9Ah
Erase Sector Protection Register
3Dh + 2Ah + 7Fh + CFh
Program Sector Protection Register
3Dh + 2Ah + 7Fh + FCh
Read Sector Protection Register
32h
Sector Lockdown
3Dh + 2Ah + 7Fh + 30h
Read Sector Lockdown Register
35h
Freeze Sector Lockdown
34h + 55h + AAh + 40h
Program Security Register
9Bh + 00h + 00h + 00h
Read Security Register
77h
Table 30. Additional Commands
Command
Opcode
Main Memory Page to Buffer 1 Transfer
53h
Main Memory Page to Buffer 2 Transfer
55h
Main Memory Page to Buffer 1 Compare
60h
Main Memory Page to Buffer 2 Compare
61h
Auto Page Rewrite
58h
Auto Page Rewrite
59h
Deep Power-Down
B9h
Resume from Deep Power-Down
ABh
Ultra-Deep Power-Down
79h
Status Register Read
D7h
Manufacturer and Device ID Read
9Fh
Configure “Power of 2” (Binary) Page Size
3Dh + 2Ah + 80h + A6h
Configure Standard DataFlash Page Size
3Dh + 2Ah + 80h + A7h
Software Reset
F0h + 00h + 00h + 00h
Table 31. Legacy Commands[1][2]
Command
Opcode
Buffer 1 Read
54H
Buffer 2 Read
56H
Main Memory Page Read
52H
Continuous Array Read
68H
Status Register Read
57H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com