công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 42Page - Renesas Technology Corp AT45DB641E Datasheet HTML 43Page - Renesas Technology Corp AT45DB641E Datasheet HTML 44Page - Renesas Technology Corp AT45DB641E Datasheet HTML 45Page - Renesas Technology Corp AT45DB641E Datasheet HTML 46Page - Renesas Technology Corp AT45DB641E Datasheet HTML 47Page - Renesas Technology Corp AT45DB641E Datasheet HTML 48Page - Renesas Technology Corp AT45DB641E Datasheet HTML 49Page - Renesas Technology Corp AT45DB641E Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 46
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
11.2.1
Exit Ultra-Deep Power-Down
To exit from the Ultra-Deep Power-Down mode, the CS pin must simply be pulsed by asserting the CS pin, waiting
the minimum necessary tCSLU time, and then deasserting the CS pin again. To facilitate simple software
development, a dummy byte opcode can also be entered while the CS pin is being pulsed just as in a normal
operation like the Program Suspend operation; the dummy byte opcode is simply ignored by the device in this
case. After the CS pin has been deasserted, the device exits from the Ultra-Deep Power-Down mode and return
to the standby mode within a maximum time of tXUDPD. If the CS pin is reasserted before the tXUDPD time has
elapsed in an attempt to start a new operation, then that operation is ignored and nothing is performed. The
system must wait for the device to return to the standby mode before normal command operations such as
Continuous Array Read can be resumed.
Since the contents of the SRAM buffers cannot be maintained while in the Ultra-Deep Power-Down mode, the
SRAM buffers contain undefined data when the device returns to the standby mode.
Figure 19. Exit Ultra-Deep Power-Down
Chip Select Low
By asserting the CS pin, waiting the minimum necessary tXUDPD time, and then clocking in the first bit of the next
Opcode command cycle. If the first bit of the next command is clocked in before the tXUDPD time has elapsed, the
device exits Ultra Deep Power Down, however the intended operation is ignored.
Figure 20. Exit Ultra-Deep Power-Down (Chip Select Low)
CS
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tXUDPD
tCSLU
CS
SO
ICC
High-Impedance
Ultra-Deep Power-Down Mode Current
Active Current
tXUDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com