công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 29Page - Renesas Technology Corp AT45DB641E Datasheet HTML 30Page - Renesas Technology Corp AT45DB641E Datasheet HTML 31Page - Renesas Technology Corp AT45DB641E Datasheet HTML 32Page - Renesas Technology Corp AT45DB641E Datasheet HTML 33Page - Renesas Technology Corp AT45DB641E Datasheet HTML 34Page - Renesas Technology Corp AT45DB641E Datasheet HTML 35Page - Renesas Technology Corp AT45DB641E Datasheet HTML 36Page - Renesas Technology Corp AT45DB641E Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 33
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
8.3.3
Read Sector Protection Register
To read the Sector Protection Register, an opcode of 32h and three dummy bytes must be clocked into the device.
After the last bit of the opcode and dummy bytes have been clocked in, any additional clock pulses on the SCK pin
result in the Sector Protection Register contents being output on the SO pin. The first byte (byte location 0)
corresponds to Sector 0 (0a and 0b), the second byte corresponds to Sector 1, and the last byte (byte location 31)
corresponds to Sector 31. Once the last byte of the Sector Protection Register has been clocked out, any
additional clock pulses result in undefined data being output on the SO pin. The CS pin must be deasserted to
terminate the Read Sector Protection Register operation and put the output into a high-impedance state.
Note:
1. XX = Dummy byte
Figure 10. Read Sector Protection Register
8.3.4
About the Sector Protection Register
The Sector Protection Register is subject to a limit of 10,000 erase/program cycles. Users are encouraged to
carefully evaluate the number of times the Sector Protection Register is modified during the course of the
application’s life cycle. If the application requires that the Security Protection Register be modified more than the
specified limit of 10,000 cycles because the application needs to temporarily unprotect individual sectors (sector
protection remains enabled while the Sector Protection Register is reprogrammed), then the application needs to
limit this practice. Instead, a combination of temporarily unprotecting individual sectors along with disabling sector
protection completely needs to be implemented by the application to ensure that the limit of 10,000 cycles is not
exceeded.
Table 13. Read Sector Protection Register Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Protection Register
32h
XXh
XXh
XXh
32h
XX
XX
XX
Data
n
Data
n + 1
CS
SI
SO
Data
n + 31
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com