công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 47 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 47 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 43Page - Renesas Technology Corp AT45DB641E Datasheet HTML 44Page - Renesas Technology Corp AT45DB641E Datasheet HTML 45Page - Renesas Technology Corp AT45DB641E Datasheet HTML 46Page - Renesas Technology Corp AT45DB641E Datasheet HTML 47Page - Renesas Technology Corp AT45DB641E Datasheet HTML 48Page - Renesas Technology Corp AT45DB641E Datasheet HTML 49Page - Renesas Technology Corp AT45DB641E Datasheet HTML 50Page - Renesas Technology Corp AT45DB641E Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 47
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
12. Buffer and Page Size Configuration
The memory array of DataFlash devices is actually larger than other Serial Flash devices in that extra user-
accessible bytes are provided in each page of the memory array. For the AT45DB641E, there are an extra eight
bytes of memory in each page for a total of an extra 256KB (2-Mbits) of user-accessible memory.
Some applications do not want to take advantage of this extra memory and instead architect their software to
operate on a “power of 2” binary, logical addressing scheme. To allow this, the DataFlash can be configured so
that the buffer and page sizes are 256 bytes instead of the standard 264 bytes. In addition, the configuration of the
buffer and page sizes is reversible and can be changed from 264 bytes to 256 bytes or from 256 bytes to 264
bytes. The configured setting is stored in an internal nonvolatile register so that the buffer and page size
configuration is not affected by power cycles. The nonvolatile register has a limit of 10,000 erase/program cycles;
thus, be careful not to switch between the size options more than 10,000 times.
Devices are initially shipped from Renesas Electronics with the buffer and page sizes set to 264 bytes. Devices
can be ordered from Renesas Electronics pre-configured for the “power of 2” binary size of 256 bytes. For details,
see “Ordering Information (Standard DataFlash Page Size)” on page 74.
To configure the device for “power of 2” binary page size (256 bytes), a 4-byte opcode sequence of 3Dh, 2Ah,
80h, and A6h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the
CS pin must be deasserted to initiate the internally self-timed configuration process and nonvolatile register
program cycle. The programming of the nonvolatile register takes place in a time of tEP, during which time the
RDY/BUSY bit in the Status Register indicates that the device is busy. The device does not need to be power
cycled after the completion of the configuration process and register program cycle in order for the buffer and
page size to be configured to 256 bytes.
To configure the device for standard DataFlash page size (264 bytes), a 4-byte opcode sequence of 3Dh, 2Ah,
80h, and A7h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the
CS pin must be deasserted to initiate the internally self-timed configuration process and nonvolatile register
program cycle. The programming of the nonvolatile register takes place in a time of tEP, during which time the
RDY/BUSY bit in the Status Register indicates that the device is busy. The device does not need to be power
cycled after the completion of the configuration process and register program cycle in order for the buffer and page
size to be configured to 264 bytes.
Figure 21. Buffer and Page Size configuration
Table 22. Buffer and Page Size Configuration Commands
Command
Byte 1
Byte 2
Byte 3
Byte 4
“Power of 2” binary page size (256 bytes)
3Dh
2Ah
80h
A6h
DataFlash page size (264 bytes)
3Dh
2Ah
80h
A7h
CS
SI (Input)
3Dh
2Ah
80h
Opcode
Byte 4
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com