công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 8Page - Renesas Technology Corp AT45DB641E Datasheet HTML 9Page - Renesas Technology Corp AT45DB641E Datasheet HTML 10Page - Renesas Technology Corp AT45DB641E Datasheet HTML 11Page - Renesas Technology Corp AT45DB641E Datasheet HTML 12Page - Renesas Technology Corp AT45DB641E Datasheet HTML 13Page - Renesas Technology Corp AT45DB641E Datasheet HTML 14Page - Renesas Technology Corp AT45DB641E Datasheet HTML 15Page - Renesas Technology Corp AT45DB641E Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 12
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
6.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from either one of the two
SRAM data buffers. The DataFlash supports RapidS protocols for Mode 0 and Mode 3. See “Detailed Bit-level
Read Waveforms: RapidS Mode 0/Mode 3” on page 68 for details on the clock cycle sequences for each mode.
6.1
Continuous Array Read (Legacy Command: E8h Opcode)
By supplying an initial starting address for the main memory array, the Continuous Array Read command can be
used to sequentially read a continuous stream of data from the device by providing a clock signal; no additional
addressing information or control signals need to be provided. The DataFlash incorporates an internal address
counter that automatically increments on every clock cycle, allowing one continuous read from memory to be
performed without the need for additional address sequences. To perform a Continuous Array Read using the
standard DataFlash page size (264 bytes), an opcode of E8h must be clocked into the device followed by three
address bytes (which comprise the 24-bit page and byte address sequence) and four dummy bytes. The first 15
bits (PA14 - PA0) of the 24-bit address sequence specify which page of the main memory array to read and the
last 9 (BA8 - BA0) of the 24-bit address sequence specify the starting byte address within the page. To perform a
Continuous Array Read using the binary page size (256 bytes), an opcode of E8h must be clocked into the device
followed by three address bytes and four dummy bytes. The first 15 bits (A22 - A8) of the 23-bit address sequence
specify which page of the main memory array to read and the last 8 bits (A7 - A0) of the 23-bit address sequence
specify the starting byte address within the page. The dummy bytes that follow the address bytes are needed to
initialize the read operation. Following the dummy bytes, additional clock pulses on the SCK pin result in data
being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the
reading of data. When the end of a page in the main memory is reached during a Continuous Array Read, the
device continues reading at the beginning of the next page with no delays incurred during the page boundary
crossover (the crossover from the end of one page to the beginning of the next page). When the last bit in the
main memory array has been read, the device continues reading back at the beginning of the first page of
memory. As with crossing over page boundaries, no delays are incurred when wrapping around from the end of
the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The
Continuous Array Read bypasses the data buffers and leaves the contents of the buffers unchanged.
Warning: This command is not recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com