công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 78 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 78 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 70Page - Renesas Technology Corp AT45DB641E Datasheet HTML 71Page - Renesas Technology Corp AT45DB641E Datasheet HTML 72Page - Renesas Technology Corp AT45DB641E Datasheet HTML 73Page - Renesas Technology Corp AT45DB641E Datasheet HTML 74Page - Renesas Technology Corp AT45DB641E Datasheet HTML 75Page - Renesas Technology Corp AT45DB641E Datasheet HTML 76Page - Renesas Technology Corp AT45DB641E Datasheet HTML 77Page - Renesas Technology Corp AT45DB641E Datasheet HTML 78Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 78 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 78
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
30. Revision History
Doc. Rev.
Date
Comments
DS-45DB641E-027A
8/2013
Initial document release.
DS-45DB641E-027B
10/2013
Updated spec in Continuous Array Read (1Bh Opcode) to fCAR4. Corrected Low Power Read
Option (up to 15 MHz). Corrected Ultra-Deep Power-Down current (400 nA typical). Updated
spec for Input High Voltage (Max) to VCC + 0.6 V. Updated DC and AC parameters, and
Program and Erase Characteristics. Updated datasheet status to Preliminary.
DS-45DB641E-027C
11/2013
Corrected Memory Architecture Diagram, Figure 3.1.
DS-45DB641E-027D
1/2014
Added Exit Ultra-Deep Power-Down (Chip Select Low).
DS-45DB641E-027E
1/2014
Updated specifications for IDPD, ISB, ICC2, fCAR2, and tXUDPD. Removed Preliminary status.
DS-45DB641E-027F
4/2015
Added WLCSP package. Expanded explanation of Power up/Power down (Section 16).
Corrected Table 6-4 (Additional Commands, “Main Memory to Buffer”). Corrected Ordering
Code Detail Diagram (voltage range).
DS-45DB641E-027G
6/2015
Added Die in Wafer Form package option. Updated 44-WLCSP package title.
DS-45DB641E-027H
1/2016
Corrected page size reference in Ordering Detail Diagram. Updated UUN package diagram.
DS-45DB641E-027I
1/2017
Added patent information.
DS-45DB641E-027J
8/2017
Updated 6 x 8 VDFN package drawing.
DS-45DB641E-027K
2/2019
Removed 9CC, 9-ball UBGA package option.
DS-45DB641E-027L
8/2021
Corrected Ordering Detail figure (Section 27.1).
DS-45DB641E-027M
9/2021
Removed WLCSP package option.
DS-45DB641E-027N
2/2022
Changed company logo to Renesas.
DS-45DB641E-027O
6/2023
Applied Renesas template to document.
Updated PODs in Section 29.
Revised Order Information in Section 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com