công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 7Page - Renesas Technology Corp AT45DB641E Datasheet HTML 8Page - Renesas Technology Corp AT45DB641E Datasheet HTML 9Page - Renesas Technology Corp AT45DB641E Datasheet HTML 10Page - Renesas Technology Corp AT45DB641E Datasheet HTML 11Page - Renesas Technology Corp AT45DB641E Datasheet HTML 12Page - Renesas Technology Corp AT45DB641E Datasheet HTML 13Page - Renesas Technology Corp AT45DB641E Datasheet HTML 14Page - Renesas Technology Corp AT45DB641E Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 11
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
5.
Device Operation
The device operation is controlled by commands from the host processor. The list of commands and their
associated opcodes are contained in Table 27 through Table 31. A valid command starts with the falling edge of
CS followed by the appropriate 8-bit opcode and the desired buffer or main memory address location. While the
CS pin is low, toggling the SCK pin controls the loading of the opcode and the desired buffer or main memory
address location through the SI (Serial Input) pin. All commands, addresses, and data are transferred with the
Most Significant Bit (MSB) first.
Three address bytes are used to address memory locations in either the main memory array or in one of the
SRAM buffers. The three address bytes are comprised of a number of dummy bits and a number of actual device
address bits, with the number of dummy bits varying depending on the operation being performed and the
selected device page size. Buffer addressing for the standard DataFlash page size (264 bytes) is referenced in
the datasheet using the terminology BFA8 - BFA0 to denote the 9 address bits required to designate a byte
address within a buffer. The main memory addressing is referenced using the terminology PA14 - PA0 and BA8 -
BA0, where PA14 - PA0 denotes the 15 address bits required to designate a page address, and BA8 - BA0
denotes the 9 address bits required to designate a byte address within the page. Therefore, when using the
standard DataFlash page size, a total of 24 address bits are used.
For the “power of 2” binary page size (256 bytes), the buffer addressing is referenced in the datasheet using the
conventional terminology BFA7 - BFA0 to denote the eight address bits required to designate a byte address
within a buffer. Main memory addressing is referenced using the terminology A22 - A0, where A22 - A8 denotes
the 15 address bits required to designate a page address, and A7 - A0 denotes the 8 address bits required to
designate a byte address within a page. Thus, when using the binary page size, a total of 23 address bits are
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com