công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 34 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 34 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 30Page - Renesas Technology Corp AT45DB641E Datasheet HTML 31Page - Renesas Technology Corp AT45DB641E Datasheet HTML 32Page - Renesas Technology Corp AT45DB641E Datasheet HTML 33Page - Renesas Technology Corp AT45DB641E Datasheet HTML 34Page - Renesas Technology Corp AT45DB641E Datasheet HTML 35Page - Renesas Technology Corp AT45DB641E Datasheet HTML 36Page - Renesas Technology Corp AT45DB641E Datasheet HTML 37Page - Renesas Technology Corp AT45DB641E Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 34
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
9.
Security Features
9.1
Sector Lockdown
The device incorporates a sector lockdown mechanism that allows each individual sector to be permanently
locked so that it becomes read-only (ROM). This is useful for applications that require the ability to permanently
protect a number of sectors against malicious attempts at altering program code or security information.
Warning: Once a sector is locked down, it can never be erased or programmed, and it can never be unlocked.
To issue the sector lockdown command, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and 30h must be clocked
into the device followed by three address bytes specifying any address within the sector to be locked down. After
the last address bit has been clocked in, the CS pin must be deasserted to initiate the internally self-timed
lockdown sequence. The lockdown sequence takes place in a maximum time of tP. During this time, the
RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is powered-down before the
completion of the lockdown sequence, then the lockdown status of the sector cannot be guaranteed. In this case,
it is recommended that the user read the Sector Lockdown Register to determine the status of the appropriate
sector lockdown bits or bytes and re-issue the Sector Lockdown command if necessary.
Figure 11. Sector Lockdown
Table 14. Sector Lockdown Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Sector Lockdown
3Dh
2Ah
7Fh
30h
3Dh
2Ah
7Fh
30h
CS
Address
byte
Address
byte
Address
byte
SI
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com