công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 44 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 44 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 40Page - Renesas Technology Corp AT45DB641E Datasheet HTML 41Page - Renesas Technology Corp AT45DB641E Datasheet HTML 42Page - Renesas Technology Corp AT45DB641E Datasheet HTML 43Page - Renesas Technology Corp AT45DB641E Datasheet HTML 44Page - Renesas Technology Corp AT45DB641E Datasheet HTML 45Page - Renesas Technology Corp AT45DB641E Datasheet HTML 46Page - Renesas Technology Corp AT45DB641E Datasheet HTML 47Page - Renesas Technology Corp AT45DB641E Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 44
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
11.1 Resume from Deep Power-Down
In order to exit the Deep Power-Down mode and resume normal device operation, the Resume from Deep Power-
Down command must be issued. The Resume from Deep Power-Down command is the only command that the
device recognizes while in the Deep Power-Down mode.
To resume from the Deep Power-Down mode, the CS pin must first be asserted and then the opcode ABh must
be clocked into the device. Any additional data clocked into the device after the opcode are ignored. When the CS
pin is deasserted, the device exits the Deep Power-Down mode and return to the standby mode within the
maximum time of tRDPD. After the device has returned to the standby mode, normal command operations such as
Continuous Array Read can be resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, or if the CS pin is not deasserted on an
even byte boundary (multiples of eight bits), then the device aborts the operation and return to the Deep Power-
Down mode.
Figure 17. Resume from Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
Opcode
High-impedance
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com