công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 69Page - Renesas Technology Corp AT45DB641E Datasheet HTML 70Page - Renesas Technology Corp AT45DB641E Datasheet HTML 71Page - Renesas Technology Corp AT45DB641E Datasheet HTML 72Page - Renesas Technology Corp AT45DB641E Datasheet HTML 73Page - Renesas Technology Corp AT45DB641E Datasheet HTML 74Page - Renesas Technology Corp AT45DB641E Datasheet HTML 75Page - Renesas Technology Corp AT45DB641E Datasheet HTML 76Page - Renesas Technology Corp AT45DB641E Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 73
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
Figure 52. Algorithm for Programming or Re-programming of the Entire Array Randomly
1. To preserve data integrity, each page of an DataFlash sector must be updated/rewritten at least once within every 50,000 cumulative
page erase and program operations.
2. A page address pointer must be maintained to indicate which page is to be rewritten. The Auto Page Rewrite command must use the
address specified by the page address pointer.
3. Other algorithms can be used to rewrite portions of the Flash array. Low-power applications can choose to wait until 50,000 cumulative
page erase and program operations have accumulated before rewriting all pages of the sector.
START
Main Memory Page
to Buffer Transfer
(53h, 55h)
Increment Page
Address Pointer
(2)
Auto Page Rewrite
(2)
(58h, 59h)
END
Provide Address of
Page to Modify
If planning to modify multiple
bytes currently stored within
a page of the Flash array
Main Memory Page Program
through Buffer
(82h, 85h)
Buffer Write
(84h, 87h)
Buffer to Main
Memory Page Program
(83h, 86h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com