công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB641E bảng dữ liệu(PDF) 36 Page - Renesas Technology Corp

tên linh kiện AT45DB641E
Giải thích chi tiết về linh kiện  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E bảng dữ liệu(HTML) 36 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 32Page - Renesas Technology Corp AT45DB641E Datasheet HTML 33Page - Renesas Technology Corp AT45DB641E Datasheet HTML 34Page - Renesas Technology Corp AT45DB641E Datasheet HTML 35Page - Renesas Technology Corp AT45DB641E Datasheet HTML 36Page - Renesas Technology Corp AT45DB641E Datasheet HTML 37Page - Renesas Technology Corp AT45DB641E Datasheet HTML 38Page - Renesas Technology Corp AT45DB641E Datasheet HTML 39Page - Renesas Technology Corp AT45DB641E Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 36
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
9.1.2
Freeze Sector Lockdown
The Sector Lockdown command can be permanently disabled, and the current sector lockdown state can be
permanently frozen so that no additional sectors can be locked down aside from those already locked down. Any
attempts to issue the Sector Lockdown command after the Sector Lockdown State has been frozen are ignored.
To issue the Freeze Sector Lockdown command, the CS pin must be asserted and the opcode sequence of 34h,
55h, AAh, and 40h must be clocked into the device. Any additional data clocked into the device are ignored. When
the CS pin is deasserted, the current sector lockdown state is permanently frozen within a time of tLOCK. In
addition, the SLE bit in the Status Register is permanently reset to a Logic 0 to indicate that the Sector Lockdown
command is permanently disabled.
Figure 13. Freeze Sector Lockdown
9.2
Security Register
The device contains a specialized Security Register that can be used for purposes such as unique device
serialization or locked key storage. The register is comprised of a total of 128 bytes that is divided into two
portions. The first 64 bytes (byte locations 0 through 63) of the Security Register are allocated as a One-Time
Programmable space. Once these 64 bytes have been programmed, they cannot be erased or reprogrammed.
The remaining 64 bytes of the register (byte locations 64 through 127) are factory programmed and contain a
unique value for each device. The factory programmed data are fixed and cannot be changed.
Table 18. Freeze Sector Lockdown
Command
Byte 1
Byte 2
Byte 3
Byte 4
Freeze Sector Lockdown
34h
55h
AAh
40h
Table 19. Security Register
Security Register Byte Number
0
1
· · ·
63
64
65
· · ·
127
Data Type
One-Time User Programmable
Factory Programmed
34h
55h
AAh
40h
CS
SI
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com