công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS3105 bảng dữ liệu(PDF) 63 Page - Maxim Integrated Products

tên linh kiện DS3105
Giải thích chi tiết về linh kiện  Line Card Timing IC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 bảng dữ liệu(HTML) 63 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 59Page - Maxim Integrated Products DS3105 Datasheet HTML 60Page - Maxim Integrated Products DS3105 Datasheet HTML 61Page - Maxim Integrated Products DS3105 Datasheet HTML 62Page - Maxim Integrated Products DS3105 Datasheet HTML 63Page - Maxim Integrated Products DS3105 Datasheet HTML 64Page - Maxim Integrated Products DS3105 Datasheet HTML 65Page - Maxim Integrated Products DS3105 Datasheet HTML 66Page - Maxim Integrated Products DS3105 Datasheet HTML 67Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
Preliminary. Subject to Change Without Notice.
DS3105
Confidential. Document Issued Under Non-Disclosure Agreement. Confidential. Document Issued Under Non-Disclosure Agreement.
63 of 110
Register Name:
MCR4
Register Description:
Master Configuration Register 4
Register Address:
35h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
--
--
--
--
T4FORCE[3:0]
Default
1
0
0
0
0
0
0
0
Bits 3 to 0: T4 DPL Force Selected Reference (T4FORCE[3:0]).
This field provides a way to force a specified
input clock to be the selected reference for the T4 DPLL. Internally this is accomplished by forcing the clock to have
the highest priority (as specified in PTAB1:REF1). Since the T4 DPLL always operates in revertive mode, the
forced clock automatically becomes the selected reference (as specified in PTAB1:SELREF) as well.
When a reference is forced, the activity monitor for that input continues to operate and affect the relevant ISR,
VALSR and MSR register bits. See section 7.6.3.
0000 = Automatic source selection (normal operation)
0001 = {unused value, undefined}
0010 = {unused value, undefined}
0011 = Force to IC3
0100 = Force to IC4
0101 = Force to IC5
0110 = Force to IC6
0111 = {unused value, undefined}
1000 = {unused value, undefined}
1001 = Force to IC9
1010 to 1110 = {unused value, undefined}
1111 = Automatic source selection (normal operation)
Register Name:
MCR5
Register Description:
Master Configuration Register 5
Register Address:
36h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
RSV4
RSV3
RSV2
RSV1
--
--
IC6SF
--
Default
0
0
0
0
0
0
0
0
Bit 7: Reserved Bit 4 (RSV4).
This bit is reserved for future use, it can be written to and read back.
Bit 6: Reserved Bit 3 (RSV3).
This bit is reserved for future use, it can be written to and read back.
Bit 5: Reserved Bit 2 (RSV2).
This bit is reserved for future use, it can be written to and read back.
Bit 4: Reserved Bit 1 (RSV1).
This bit is reserved for future use, it can be written to and read back.
Bit 1: Input Clock 6 Signal Format (IC6SF).
For backward compatibility this bit can be written to and read back,
but it does not affect the IC6POS/NEG inputs pins. See Section 7.4.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com