công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS3105 bảng dữ liệu(PDF) 41 Page - Maxim Integrated Products

tên linh kiện DS3105
Giải thích chi tiết về linh kiện  Line Card Timing IC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 bảng dữ liệu(HTML) 41 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 37Page - Maxim Integrated Products DS3105 Datasheet HTML 38Page - Maxim Integrated Products DS3105 Datasheet HTML 39Page - Maxim Integrated Products DS3105 Datasheet HTML 40Page - Maxim Integrated Products DS3105 Datasheet HTML 41Page - Maxim Integrated Products DS3105 Datasheet HTML 42Page - Maxim Integrated Products DS3105 Datasheet HTML 43Page - Maxim Integrated Products DS3105 Datasheet HTML 44Page - Maxim Integrated Products DS3105 Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
Preliminary. Subject to Change Without Notice.
DS3105
Confidential. Document Issued Under Non-Disclosure Agreement. Confidential. Document Issued Under Non-Disclosure Agreement.
41 of 110
7.10 Microprocessor Interface
The device presents an SPI interface on the
CS, SCLK, SDI and SDO pins. SPI is a widely-used master/slave bus
protocol that allows a master device and one or more slave devices to communicate over a serial bus. The DS3105
is always a slave device. Masters are typically microprocessors, ASICs or FPGAs. Data transfers are always
initiated by the master device, which also generates the SCLK signal. The DS3105 receives serial data on the SDI
pin and transmits serial data on the SDO pin. SDO is high-impedance except when the DS3105 is transmitting data
to the bus master.
Bit Order.
When both bit 3 and bit 4 are low at device address 3FFFh, the register address and all data bytes are
transmitted MSB first on both SDI and SDO. When either bit 3 or bit 4 is set to 1 at device address 3FFFh, the
register address and all data bytes are transmitted LSB first on both SDI and SDO. The reset default setting and
Motorola SPI convention is MSB first.
Clock Polarity and Phase.
SCLK is normally low and pulses high during bus transactions. The CPHA pin sets the
phase (active edge) of SCLK. When CPHA = 0, data is latched in on SDI on the leading edge of the SCLK pulse
and updated on SDO on the trailing edge. When CPHA = 1, data is latched in on SDI on the trailing edge of the
SCLK pulse and updated on SDO on the following leading edge. SCLK does not have to toggle between accesses,
i.e., when
CS is high. See Figure 7-4.
Device Selection.
Each SPI device has its own chip-select line. To select the DS3105, pull its
CS pin low.
Control Word.
After
CS is pulled low, the bus master transmits the control word during the first sixteen SCLK
cycles. In MSB-first mode the control word has the form:
R/
W A13 A12 A11 A10 A9 A8 A7
A6 A5 A4 A3 A2 A1 A0 BURST
where A[13:0] is the register address, R/
W is the data direction bit (1=read, 0=write), and BURST is the burst bit
(1=burst access, 0=single-byte access). In LSB-first mode the order of the fourteen address bits is reversed. In the
discussion that follows, a control word with R/
W = 1 is a read control word, while a control word with R/W = 0 is a
write control word.
Single-Byte Writes.
See Figure 7-5. After CS goes low, the bus master transmits a write control word with
BURST=0 followed by the data byte to be written. The bus master then terminates the transaction by pulling
CS
high.
Single-Byte Reads.
See Figure 7-5. After CS goes low, the bus master transmits a read control word with
BURST=0. The DS3105 then responds with the requested data byte. The bus master then terminates the
transaction by pulling
CS high.
Burst Writes.
See Figure 7-5. After CS goes low, the bus master transmits a write control word with BURST=1
followed by the first data byte to be written. The DS3105 receives the first data byte on SDI, writes it to the
specified register, increments its internal address register, and prepares to receive the next data byte. If the master
continues to transmit, the DS3105 continues to write the data received and increment its address counter. After the
address counter reaches 3FFFh it rolls over to address 0000h and continues to increment.
Burst Reads.
See Figure 7-5. After CS goes low, the bus master transmits a read control word with BURST=1.
The DS3105 then responds with the requested data byte on SDO, increments its address counter, and prefetches
the next data byte. If the bus master continues to demand data, the DS3105 continues to provide the data on SDO,
increment its address counter, and pre-fetch the following byte. After the address counter reaches 3FFFh it rolls
over to address 0000h and continues to increment.
Early Termination of Bus Transactions.
The bus master can terminate SPI bus transactions at any time by
pulling
CS high. In response to early terminations, the DS3105 resets its SPI interface logic and waits for the start
of the next transaction. If a write transaction is terminated prior to the SCLK edge that latches the LSB of a data
byte, the data byte is not written.
Design Option: Wiring SDI and SDO Together.
Because communication between the bus master and the
DS3105 is half-duplex, the SDI and SDO pins can be wired together externally to reduce wire count. To support
this option, the bus master must not drive the SDI/SDO line when the DS3105 is transmitting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More