công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS3105 bảng dữ liệu(PDF) 60 Page - Maxim Integrated Products

tên linh kiện DS3105
Giải thích chi tiết về linh kiện  Line Card Timing IC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 bảng dữ liệu(HTML) 60 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 56Page - Maxim Integrated Products DS3105 Datasheet HTML 57Page - Maxim Integrated Products DS3105 Datasheet HTML 58Page - Maxim Integrated Products DS3105 Datasheet HTML 59Page - Maxim Integrated Products DS3105 Datasheet HTML 60Page - Maxim Integrated Products DS3105 Datasheet HTML 61Page - Maxim Integrated Products DS3105 Datasheet HTML 62Page - Maxim Integrated Products DS3105 Datasheet HTML 63Page - Maxim Integrated Products DS3105 Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
Preliminary. Subject to Change Without Notice.
DS3105
Confidential. Document Issued Under Non-Disclosure Agreement. Confidential. Document Issued Under Non-Disclosure Agreement.
60 of 110
Register Name:
MCR1
Register Description:
Master Configuration Register 1
Register Address:
32h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
RST
--
FREN
LOCKPIN
--
T0STATE[2:0]
Default
0
0
1
0
0
0
0
0
Bit 7: Device Reset (RST).
When this bit is high the entire device is held in reset, and all register fields, except the
RST bit itself, are reset to their default states. When RST is active, the register fields with pin-programmed defaults
do not latch their values from the corresponding input pins. Instead these fields are reset to the default values that
were latched from the pins when the RST pin was last active. See section 7.11.
0 = Normal operation
1 = Reset
Bit 5: Frequency Range Detect Enable (FREN).
When this bit is high the frequency of each input clock is
measured and used to quickly declare the input inactive.
0 = Frequency Range Detect disabled
1 = Frequency Range Detect enabled
Bit 4: T0 DPLL LOCK Pin Enable (LOCKPIN).
When this bit is high the LOCK pin indicates when the T0 DPLL
state machine is in the LOCK state (OPSTATE.T0STATE=100).
0 = LOCK pin is not driven
1 = LOCK pin is driven high when the T0 DPLL is in the Lock state
Bits 2 to 0: T0 DPLL State Control (T0STATE[2:0]).
This field allows the T0 DPLL state machine to be forced to
a specified state. The state machine will remain in the forced state, and therefore cannot react to alarms and other
events, as long as T0STATE is not equal to 000. See section 7.7.1.
000 = Automatic (normal state machine operation)
001 = Free-run
010 = Holdover
011 = {unused value}
100 = Locked
101 = Pre-locked 2
110 = Pre-locked
111 = Loss-of-lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com