công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS3105 bảng dữ liệu(PDF) 38 Page - Maxim Integrated Products

tên linh kiện DS3105
Giải thích chi tiết về linh kiện  Line Card Timing IC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 bảng dữ liệu(HTML) 38 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 34Page - Maxim Integrated Products DS3105 Datasheet HTML 35Page - Maxim Integrated Products DS3105 Datasheet HTML 36Page - Maxim Integrated Products DS3105 Datasheet HTML 37Page - Maxim Integrated Products DS3105 Datasheet HTML 38Page - Maxim Integrated Products DS3105 Datasheet HTML 39Page - Maxim Integrated Products DS3105 Datasheet HTML 40Page - Maxim Integrated Products DS3105 Datasheet HTML 41Page - Maxim Integrated Products DS3105 Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 110 page
background image
Preliminary. Subject to Change Without Notice.
DS3105
Confidential. Document Issued Under Non-Disclosure Agreement. Confidential. Document Issued Under Non-Disclosure Agreement.
38 of 110
7.8.2.5
FSYNC and MFSYNC Configuration
The FSYNC output is enabled by setting FSEN=1 in the OCR4 register, while the MFSYNC output is enabled by
setting MFSEN=1 in OCR4. When disabled, these pins are driven low.
When 8KPUL=0 in FSCR1, FSYNC is configured as an 8 kHz clock with 50% duty cycle. When 8KPUL=1, FSYNC
is an 8 kHz frame sync that pulses low once every 125
μs with pulse width equal to one cycle of output clock OC3.
When 8KINV=1 in FSCR1, the clock or pulse polarity of FSYNC is inverted.
When 2KPUL=0 in FSCR1, MFSYNC is configured as an 2 kHz clock with 50% duty cycle. When 2KPUL=1,
MFSYNC is a 2 kHz frame sync that pulses low once every 500
μs with pulse width equal to one cycle of output
clock OC3. When 2KINV=1 in FSCR1, the clock or pulse polarity of MFSYNC is inverted.
If either 8KPUL=1 or 2KPUL=1, then output clock OC3 must be generated from the T0 DPLL and must be
configured for a frequency of 1.544 MHz or higher or the FSYNC/MFSYNC pulses may not be generated correctly.
Figure 7-3 shows how the 8KPUL and 8KINV control bits affect the FSYNC output. The 2KPUL and 2KINV bits
have an identical effect on MFSYNC.
Figure 7-3. FSYNC 8 kHz Options
OC3 output clock
FSYNC, 8KPUL=0, 8KINV=0
FSYNC, 8KPUL=0, 8KINV=1
FSYNC, 8KPUL=1, 8KINV=0
FSYNC, 8KPUL=1, 8KINV=1
7.8.2.6
Custom Output Frequencies
In addition to the many standard frequencies available in the device, any of the seven output DFS blocks can be
configured to generate a custom frequency. Possible custom frequencies include any multiple of 2 kHz up to 77.76
MHz and any multiple of 8 kHz up to 311.04 MHz. (An APLL must be used to achieve frequencies above 77.76
MHz.) Any of the programmable output clocks can be configured to output the custom frequency or submultiples
thereof. Contact the factory at telecom.support@dalsemi.com for help with custom frequencies.
7.9
Frame and Multiframe Alignment
In addition to receiving and locking to clocks such as 19.44 MHz from system timing cards, the DS3105 can also
receive and align its outputs to 2 kHz multiframe sync or 8 kHz frame sync signals from system timing cards. In this
mode of operation, both a higher-speed clock (such as 6.48 MHz or 19.44 MHz) and a frame (or multiframe) sync
signal from each timing card are passed to the line cards. The higher-speed clock from each timing card is
connected to a regular input clock pin on the DS3105, such as IC3 or IC4, while the frame sync signal is connected
to a SYNCn input pin on the DS3105, such as SYNC1 or SYNC2. The DS3105 locks to the higher-speed clock
from one of the timing cards and samples the frame sync signal on the associated SYNCn pin. The DS3105 then
uses the SYNCn signal to falling-edge align some or all of the output clocks. Only the falling edge of the SYNCn
signal has significance. A 4 kHz or 8 kHz clock can also be used on the SYNCn pins without any changes to the
register configuration, but only output clocks of 8 kHz and above are aligned in this case. Phase build-out should
be disabled (PBOEN=0 in MCR10) when using SYNCn signals.
When FSCR3.SOURCE!=11XX, the frame sync signal can only come from the SYNC1 pin. When
FSCR3.SOURCE=11XX, the frame sync signal comes from one of SYNC1, SYNC2 or SYNC3. See section 7.9.7.
7.9.1
Sampling
By default the SYNCn signal is first sampled on the rising edge of the selected reference. This gives the most
margin, given that the SYNCn signal is falling-edge aligned with the selected reference since both come from the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More