| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 28 Page - NXP Semiconductors |
|
28 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 28 Confidential 5.2.1.6 SecondaryStatus Register Diverse Status flags. Name: SecondaryStatus Address: 0x05 Reset value: 01100000, 0x60 7 6 5 4 3 2 1 0 TRunning E2Ready CRCReady 0 0 RxLastBits Access Rights r r r r r r r r Description of the bits Bit Symbol Function 7 TRunning If set to 1, the CL RC632’s timer unit is running, e.g. the counter will decrement the Timer Value Register with the next timer clock. 6 E2Ready If set to 1, the CL RC632 has finished programming the E2PROM. 5 CRCReady If set to 1, the CL RC632 has finished calculating the CRC. 4-3 00 Reserved for future use. 2-0 RxLastBits Show the number of valid bits in the last received byte. If zero, the whole byte is valid. |