| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 53 Page - NXP Semiconductors |
|
53 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 53 Confidential 5.2.5.4 CRCPresetLSB Register LSB of the preset value for the CRC register. Name: CRCPresetLSB Address: 0x23 Reset value: 01010011, 0x63 7 6 5 4 3 2 1 0 CRCPresetLSB Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7-0 CRCPresetLSB CRCPresetLSB defines the starting value for CRC-calculation. This value is loaded into the CRC at the beginning of transmission, reception and the CalcCRC Command, if the CRC calculation is enabled. To use the ISO 15693 functionality the CRCPresetLSB Register has to be set to 0xFF. |