| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 36 Page - NXP Semiconductors |
|
36 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 36 Confidential 5.2.2.7 CRCResultMSB Register MSB of the CRC-Coprocessor register. Name: CRCResultMSB Address: 0x0E Reset value: XXXXXXXX, 0xXX 7 6 5 4 3 2 1 0 CRCResultMSB Access Rights r r r r r r r r Description of the bits Bit Symbol Function 7-0 CRCResultMSB This register shows the actual value of the most significant byte of the CRC register. It is valid only if bit CRCReady is set to 1. For 8-bit CRC calculation the registers value is undefined. |