| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 54 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 54 Page - NXP Semiconductors |
|
54 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 54 Confidential 5.2.5.5 CRCPresetMSB Register MSB of the preset value for the CRC register. Name: CRCPresetMSB Address: 0x24 Reset value: 01010011, 0x63 7 6 5 4 3 2 1 0 CRCPresetMSB Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7-0 CRCPresetMSB CRCPresetMSB defines the starting value for CRC-calculation. This value is loaded into the CRC at the beginning of transmission, reception and the CalcCRC Command, if the CRC calculation is enabled. Note: This register is not relevant, if CRC8 is 1. |