| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 91 Page - NXP Semiconductors |
|
91 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 91 Confidential 9.3.2 STOP WATCH The time TTimer between a certain start- and stop event may be measured by the µ-Processor by means of the CL RC632 timer unit. Setting TReloadValue the timer starts to decrement. If the defined stop event occurs the timers stops. The time between start and stop can be calculated by () Timer value value T Timer load T T * Re − = ∆ if the timer does not decrements down to zero. 9.3.3 PROGRAMMABLE ONE-SHOT TIMER The µ-Processor starts the timer unit and waits for the timer interrupt. After the specified time TTimer the interrupt will occur. 9.3.4 PERIODICAL TRIGGER If the µ-Processor sets bit TAutoRestart, it will generate an interrupt request periodically after every TTimer. |