| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 15 Page - NXP Semiconductors |
|
15 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 15 Confidential 4.3.2 COMMON READ/WRITE STROBE For timing specification refer to chapter 22.5.2.2. CL RC632 NCS A0...A2 D0...D7 ALE NRD NWR Address Decoder Address Bus (A3...An) Data Bus (D0...D7) HIGH CL RC632 NCS A2 A1 A0 D0...D7 ALE NRD NWR Address Decoder Non Multiplexed Address Multiplexed Address/Data (AD0...AD7) Address Strobe (AS) LOW HIGH LOW Read/Write (R/NW) Data Strobe (NDS) Data Strobe (NDS) Read/Write (R/NW) Address Bus (A0...A2) Figure 4-2: Connection to µ-Processors with Common Read/Write Strobes |