| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 35 Page - NXP Semiconductors |
|
35 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 35 Confidential 5.2.2.6 CRCResultLSB Register LSB of the CRC-Coprocessor register. Name: CRCResultLSB Address: 0x0D Reset value: XXXXXXXX, 0xXX 7 6 5 4 3 2 1 0 CRCResultLSB Access Rights r r r r r r r r Description of the bits Bit Symbol Function 7-0 CRCResultLSB This register shows the actual value of the least significant byte of the CRC register. It is valid only if bit CRCReady is set to 1. |