| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 60 Page - NXP Semiconductors |
|
60 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 60 Confidential 5.2.6.4 TimerControl Register Selects start and stop conditions for the timer. Name: TimerControl Address: 0x2B Reset value: 00000110, 0x06 7 6 5 4 3 2 1 0 0 0 0 0 TStopRxEnd TStopRxBegin TStartTxEnd TStartTxBegin Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7-4 0000 These values shall not be changed 3 TStopRxEnd If set to 1, the timer stops automatically when data reception ends. 0 indicates, that the timer is not influenced by this condition. 2 TStopRxBegin If set to 1, the timer stops automatically, when the first valid bit is received. 0 indicates, that the timer is not influenced by this condition. 1 TStartTxEnd If set to 1, the timer starts automatically when data transmission ends. If the timer is already running, the timer restarts by loading TReloadValue into the timer. 0 indicates, that the timer is not influenced by this condition. 0 TStartTxBegin If set to 1, the timer is starts automatically when the first bit is transmitted. If the timer is already running, the timer restarts by loading TReloadValue into the timer. 0 indicates, that the timer is not influenced by this condition. |