| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 85 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 85 Page - NXP Semiconductors |
|
85 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 85 Confidential 8.4 Register Overview Interrupt Request System The following table shows the related flags of the Interrupt Request System in alphabetic order. Flags Register Address Register, bit position HiAlertIEn InterruptEn 0x06, bit 1 HiAlertIRq InterruptRq 0x07, bit 1 IdleIEn InterruptEn 0x06, bit 2 IdleIRq InterruptRq 0x07, bit 2 IRq PrimaryStatus 0x03, bit 3 IRQInv IRQPinConfig 0x07, bit 1 IRQPushPull IRQPinConfig 0x07, bit 0 LoAlertIEn InterruptEn 0x06, bit 0 LoAlertIRq InterruptRq 0x07, bit 0 RxIEn InterruptEn 0x06, bit 3 RxIRq InterruptRq 0x07, bit 3 SetIEn InterruptEn 0x06, bit 7 SetIRq InterruptRq 0x07, bit 7 TimerIEn InterruptEn 0x06, bit 5 TimerIRq InterruptRq 0x07, bit 5 TxIEn InterruptEn 0x06, bit 4 TxIRq InterruptRq 0x07, bit 4 Table 8-3 Registers associated with the Interrupt Request System |