| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 19 Page - NXP Semiconductors |
|
19 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 19 Confidential The SPI write mode writes all data to the same address as defined in byte 0. This allows an effective data writing to the CL RC632’s FIFO buffer. Address line (MOSI) MSB bit 6 - bit 1 bit 0 byte 0 0 address RFU (0) byte 1 to byte n+1 data Note: The data bus pins D7…D1 have to be disconnected. For timing specification refer to chapter 22.5.2.4 |