| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 157 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 157 Page - NXP Semiconductors |
|
157 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 157 Confidential 22.5.3 CLOCK FREQUENCY The clock input is pin 1, OSCIN. PARAMETER SYMBOL MIN TYP MAX UNIT Clock Frequency (checked by the clock filter) fOSCIN 13.56 MHz Duty Cycle of Clock Frequency dFEC 40 50 60 % Jitter of Clock Edges tjitter 10 ps The clock applied to the CL RC632 acts as time basis for the coder and decoder of the synchronous system. Therefore stability of clock frequency is an important factor for proper performance. To obtain highest performance, clock jitter shall be as small as possible. This is best achieved using the internal oscillator buffer with the recommended circuitry (see 12). |