| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 132 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 132 Page - NXP Semiconductors |
|
132 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 132 Confidential 18.6.2 READE2 COMMAND 03HEX 18.6.2.1 Overview Command Codehex Action Arguments Returned Data ReadE2 03 Reads data from E²PROM and puts it to the FIFO buffer Start Address LSB Start Address MSB Number of Data Bytes Data Bytes The ReadE2-Command interprets the first two bytes found in the FIFO buffer as E²PROM starting byte-address. The next byte specifies the number of data bytes that shall be returned. When all three argument-bytes are available in the FIFO buffer, the specified number of data bytes is copied from the E²PROM into the FIFO buffer, starting from the given E²PROM starting byte-address. The ReadE2-Command can be triggered only by the µ-Processor. It stops automatically when all data has been delivered. 18.6.2.2 Error Flags for the ReadE2 Command Reading is inhibited for the E²PROM blocks 8hex up to 1Fhex ( key memory area). Reading from these addresses sets the flag AccessErr to 1. Addresses above 1FFhex are taken modulo 200hex (for the E²PROM memory organisation, refer to chapter 6). 18.7 Diverse Commands 18.7.1 LOADCONFIG COMMAND 07HEX 18.7.1.1 Overview Command Codehex Action Arguments and Data Returned Data LoadConfig 07 Reads data from E²PROM and initialises the registers Start Address LSB Start Address MSB - The LoadConfig-Command interprets the first two bytes found in the FIFO buffer as E²PROM starting byte-address. When the two argument-bytes are available in the FIFO buffer, 32 bytes from the E²PROM are copied into the CL RC632 control and configuration registers, starting at the given E²PROM starting byte-address. The LoadConfig-Command can only be started by the µ-Processor. It stops automatically when all relevant registers have been copied. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |