| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC63201T/0FE bảng dữ liệu(PDF) 109 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE bảng dữ liệu(HTML) 109 Page - NXP Semiconductors |
|
109 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 109 Confidential MIFARE ® : Usage of the MFIN and MFOUT 15.3.1 ACTIVE ANTENNA CONCEPT The CL RC632 analog circuitry may be used via the pins MFIN and MFOUT. To do so, the following register settings have to be made: Register Value Signal At CL RC632 Pin ModulatorSource 3 Miller Pulse Coded MFIN MFOUTSelect 4 Manchester Coded with sub-carrier MFOUT DecoderSource X - - Table 15-4: Register setting to use the CL RC632 analog circuitry only On the other hand, the CL RC632 digital circuitry may be used via the pins MFIN and MFOUT. To do so, the following register settings have to be made: Register Value Signal At CL RC632 Pin ModulatorSource X - - MFOUTSelect 2 Miller Pulse Coded MFOUT DecoderSource 2 Manchester Coded with sub-carrier MFIN Table 15-5: Register setting to use the CL RC632 digital circuitry only Two CL RC632 devices configured in the above described way may be connected to each other via the pins MFOUT and MFIN. Note: The usage of the active antenna concept is only possible with a baudrate of 106kbaud according to ISO14443A. 15.3.2 DRIVING TWO RF-PARTS It is possible, to connect a ‘passive antenna’ to pins TX1, TX2 and RX (via the appropriate filter and matching circuit) and at the same time an Active Antenna to the pins MFOUT and MFIN. In this configuration, two RF-parts may be driven (one after another) by one µ-Processor. |