| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 217 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 217 Page - NXP Semiconductors |
|
217 / 242 page ![]() Support Information MOTOROLA MPC860TFADS Daughter Board Design Specification—Rev 0.1 41 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE 115 LD2 I/O, X MPC821’s or MPC823’s PD9/LD2 or MPC860s’ PD9/RXD4. Not used on the FADS. Appears also at P8. On MPC823 or MPC821 daughter boards appears also at a dedicated LCD connector. On MPC823 daughter board used as video data 5. 116 LD3 I/O, X MPC821’s or MPC823’s PD10/LD3 or MPC860s’ PD10/TXD3. Not used on the FADS. Appears also at P8. On MPC823 or MPC821 daughter boards appears also at a dedicated LCD connector. On MPC823 daughter board used as video data 4. 117 LD4 I/O, X MPC821’s or MPC823’s PD11/LD4 or MPC860s’ PD11/RXD3. Not used on the FADS. Appears also at P8. On MPC823 or MPC821 daughter boards appears also at a dedicated LCD connector. On MPC823 daughter board used as video data 3. 118 LD5 I/O MPC821’s or MPC823’s PD12/LD5 or MPC860s’ PD12/ L1RSYNCB. Not used on the FADS. Appears also at P8. On MPC823 or MPC821 daughter boards appears also at a dedicated LCD connector. On MPC823 daughter board used as video data 2. 119 LD6 I/O, X MPC821’s or MPC823’s PD13/LD6 or MPC860s’ PD13/ L1TSYNCB. Not used on the FADS. Appears also at P8. On MPC823 or MPC821 daughter boards appears also at a dedicated LCD connector. On MPC823 daughter board used as video data 1. 120 LD7 I/O, X MPC821’s or MPC823’s PD14/LD7 or MPC860s’ PD14/ L1RSYNCA. Not used on the FADS. Appears also at P8. On MPC823 or MPC821 daughter boards appears also at a dedicated LCD connector. On MPC823 daughter board used as video data 0. 121 LD8 I/O, X MPC821’s or MPC823’s PD15/LD8 or MPC860s’ PD15/ L1TSYNCA. Not used on the FADS. Appears also at P8. On MPC823 or MPC821 daughter boards appears also at a dedicated LCD connector. 122 GND 123 124 ETHLOOP O, H Ethernet Transceiver Diagnostic Loop-Back Control. Generated by BCSR4. See TABLE 4-23. “BCSR4 Description” on page 57. In the motherboard documentations. 125 TPFLDL~ O, L Twisted Pair Full Duplex. Allows for full-duplex operation over the Ethernet Twisted-Pair channel. See TABLE 4-23. “BCSR4 Description” on page 57. In the motherboard documentations. 126 TPSQEL~ O, L Twisted Pair Signal Quality Error Test Enable. See TABLE 4-23. “BCSR4 Description” on page 57. In the motherboard documentations. 127 MDM_AUD~ O, L Applies only for MPC823 daughter board. Selects between the Data / Voice paths of the MPC821 Modem Tool. See TABLE 4- 23. “BCSR4 Description” on page 57. In the motherboard documentations. TABLE 5-11. PM3 Interconnect Signals Pin No. Signal Name Attribute Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |