| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 84 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 84 Page - NXP Semiconductors |
|
84 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE TX_DONE_OK= 0; TX_INTERRUPTED = !TX_DONE_OK; FRZ_SELECTED = 0; IS_STATUS_REQUEST = (StatusRequest~.fb == STATUS_REQUEST); DEBUG_MODE_ENTRY = (DebugEntry~.fb == DEBUG_ENTRY); IN_DIAG_LOOP_BACK = (DiagLoopBack~.fb == DIAG_LOOP_BACK); IS_IN_DEBUG_MODE = (InDebugMode.fb == IN_DEBUG_MODE); FRZ_IS_SELECTED = (VflsFrz~ == FRZ_SELECTED); "****************************************************************************** "* DSDI_ENABLE Logic definitions "****************************************************************************** DSDI_ENABLED = 1; DSDI_DISABLED = 0; STATE_DSDI_ENABLED = (DsdiEn.fb == DSDI_ENABLED); "****************************************************************************** "* Tx enable state machine "****************************************************************************** TX_ENABLED = 1; TX_DISABLED = 0; STATE_TX_ENABLED = (TxEn.fb == TX_ENABLED); STATE_TX_DISABLED = (TxEn.fb == TX_DISABLED); TX_WORD_LENGTH = 14; " In 1/2 IClk clocks "****************************************************************************** "* TxClkSns state machine "****************************************************************************** TX_ON_RISING = 0; TX_ON_FALLING = 1; STATE_TX_ON_RISING = (TxClkSns.fb == TX_ON_RISING); STATE_TX_ON_FALLING = (TxClkSns.fb == TX_ON_FALLING); "****************************************************************************** "* AdsReq machine definitions. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |