| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 90 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 90 Page - NXP Semiconductors |
|
90 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE AdsAck.ar = Reset; AdsAck.oe = ADS_IS_SELECTED; S_HstReq.clk = IClk; DS_HstReq.clk = IClk; S_HstReq := HstReq; DS_HstReq := S_HstReq.fb & HstReq;"double synced S_D_C~.clk = IClk;" synchronizing D_C~ selector S_D_C~ := D_C~; state_diagram AdsAck state !ADS_ACK_ACTIVE: if ( (HOST_WRITE_ADI_CONTROL # (HOST_WRITE_ADI_DATA & !PdaRst.fb) ) & BndTmrExp.fb) then ADS_ACK_ACTIVE else !ADS_ACK_ACTIVE; state ADS_ACK_ACTIVE: if ( DS_HstReq.fb==!HOST_REQ_ACTIVE ) then !ADS_ACK_ACTIVE else ADS_ACK_ACTIVE; "****************************************************************************** "* Transmit Enable logic. "* Enables transmit of serial data over DSDI and generation of serial "* clock over DSCK. "* Transmission begins immediately after data written by the host is latched "* into the transmit shift register and ends after 7 shifts were made to the "* tx shift register. "* Termination is done using a 4 bit counter TxWordLength which has a terminal "* count (and reset) TxWordEnd. "****************************************************************************** equations TxEn.ar = Reset; TxEn.clk = IClk;" to provide 1/2 clock resolution state_diagram TxEn state TX_DISABLED: if(HOST_WRITE_ADI_DATA & BndTmrExp.fb & !PdaRst.fb) then TX_ENABLED Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |