| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 78 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 78 Page - NXP Semiconductors |
|
78 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "* ### # # # ###### # # # # # # ###### #### * "****************************************************************************** "****************************************************************************** "* Clock genrator Internals: "****************************************************************************** DbgClkDivBy2 NODE istype 'reg, buffer'; DbgClkDivBy4 NODE istype 'reg, buffer'; DbgClkDivBy8 NODE istype 'reg, buffer'; " counter (divider) signals. Cstr0 NODE istype 'reg, buffer'; Cstr1 NODE istype 'reg, buffer'; " Clock Safe Transition Register "****************************************************************************** "* Reset active. (Active when at least one of the reset sources is active) * "****************************************************************************** PrimReset NODE istype 'com'; " Primary Reset. Host initiated D_PrimReset NODE istype 'com'; " delayed Reset DD_PrimReset NODE istype 'com'; " double delayed primary reset. Reset NODE istype 'com'; " Interface reset. PdaRst NODE istype 'reg, buffer'; " MPC8XX continued / initiated. " part of the status register. "****************************************************************************** "* ADS_ACK, ADS_REQ auxiliary internal control signals * "****************************************************************************** S_HstReqNODE istype 'reg'; "sync. host req. DS_HstReqNODE istype 'reg'; " double sync. host req. S_D_C~NODE istype 'reg, buffer'; " synchronized data/ control selection S_HstAckNODE istype 'reg, buffer'; " sync host ack DS_HstAckNODE istype 'reg, buffer'; " double sync host ack BundleDelay1, BundleDelay0NODE istype 'reg, buffer'; "delay counter for bundle " delay compensation BndTmrExpNODE istype 'com';" terminal count for bundle " delay timer. PDOe NODE istype 'com'; "Mach to ADI data OE. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |