| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 98 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 98 Page - NXP Semiconductors |
|
98 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "****************************************************************************** equations DSCK.oe = ADS_IS_SELECTED; when ( ADS_IS_SELECTED & !PdaSoftReset~ ) then DSCK = H;"debug mode enable else when ( ADS_IS_SELECTED & !TxEn.fb & PdaSoftReset~ ) then DSCK = !DebugEntry~.fb;"debug mode direct entry else when (ADS_IS_SELECTED & TxEn.fb & STATE_TX_ON_RISING) then DSCK = !Clk2;"debug port clock else when (ADS_IS_SELECTED & TxEn.fb & STATE_TX_ON_FALLING) then DSCK = Clk2;"debug port inverted clock else when (!ADS_IS_SELECTED) then DSCK = H;"default value, infact X "****************************************************************************** "* DSDI. "* Debug Port Serial Data in. (from MPC8XX). "* To provide better hold time for DSDI from the last rising edge of DSCK, "* a dedicated enable for DSDI is provided - DSDI_ENABLE. "****************************************************************************** equations DsdiEn.ar = Reset; DsdiEn.clk = IClk; state_diagram DsdiEn state DSDI_DISABLED: if(HOST_WRITE_ADI_DATA & BndTmrExp.fb & !PdaRst.fb) then DSDI_ENABLED else DSDI_DISABLED; state DSDI_ENABLED: if(STATE_TX_DISABLED # PdaRst.fb) then DSDI_DISABLED else DSDI_ENABLED; equations DSDI.oe = ADS_IS_SELECTED & !IN_DIAG_LOOP_BACK; "avoid junk driven on DSDI input "during diagnostic loop back mode. when (ADS_IS_SELECTED & !PdaSoftReset~) then DSDI = H; else when (ADS_IS_SELECTED & !STATE_DSDI_ENABLED & PdaSoftReset~ ) then Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |