| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 81 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 81 Page - NXP Semiconductors |
|
81 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "* # # # # # ###### ##### * "* # # # # # # # # # # * "* ###### ###### #### ###### # # # # * "* * "* ## ##### # #### # # * "* # # # # # # ## # * "* # # # # # # # # # * "* ###### # # # # # # # * "* # # # # # # # ## * "* # # # # #### # # * "****************************************************************************** H, L, X, Z = 1, 0, .X., .Z.; C, D, U = .C., .D., .U.; "****************************************************************************** "* Since all state machines operate at interface clock (IClk) there is no "* need to have DbgClk driven during simulation (it will double the number "* of vectors required). Therefore, an alternative clock generator was built "* with which the 1/2 clock is the 1'st in the chain. "* This alternative clock is compiled in if the SIMULATION variable is defined. "* If not the original clock generator design is compiled, however simulation "* will not pass then. "****************************************************************************** "* SIMULATION = 1; "****************************************************************************** "****************************************************************************** "* Signal groups "****************************************************************************** AdsSel = [AdsSel2,AdsSel1,AdsSel0]; AdsAddr = [!AdsAddr2,!AdsAddr1,!AdsAddr0]; AdsRst = [AdsHardReset, AdsSoftReset]; Rst = [PdaHardReset~, PdaSoftReset~]; ClkOut = [Clk2]; DbgClkDiv = [DbgClkDivBy8, DbgClkDivBy4, DbgClkDivBy2]; DbgClkDivSel = [DbgClkDivSel1, DbgClkDivSel0]; Cstr = [Cstr1, Cstr0]; PD = [PD7,PD6,PD5,PD4,PD3,PD2,PD1,PD0]; VFLS = [VFLS0, VFLS1]; Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |