công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F3283P/032PR bảng dữ liệu(PDF) 133 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH79F3283P/032PR
Giải thích chi tiết về linh kiện  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR bảng dữ liệu(HTML) 133 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 129Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 130Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 131Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 132Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 133Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 134Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 135Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 136Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 137Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 144 page
background image
SH79F3283
133
(continue)
Input Low Voltage 1
VIL1
GND
-
0.3 X VDD
V
I/O Ports
Input High Voltage 1
VIH1
0.7 X VDD
-
VDD
V
I/O Ports
Input Low Voltage 2
VIL2
GND
-
0.2 X VDD
V
RST
——-------——
, T2, T3, T4, INT0/1/2/3/4, T2EX, RXD0,
RXD1, FLT, VDD = 2.4 - 5.5V
Input High Voltage 2
VIH2
0.8 X VDD
-
VDD
V
RST
——-------——
, T2, T3, T4, INT0/1/2/3/4, T2EX, RXD0,
RXD1, FLT, VDD = 2.4 - 5.5V
Input Leakage Current
IIL
-1
-
1
µA Input pin, VIN = VDD or GND
output Leakage Current
IOL
-1
-
1
µA
Open-drain output, VDD = 5.0V
VOUT = VDD or GND
Reset pin pull-up resistor
RRPH
-
30
-
k
Ω VDD = 5.0V, VIN = GND
Pull-up resistor
RPH
-
30
-
k
Ω VDD = 5.0V, VIN = GND
Output High Voltage 1
VOH1
VDD - 0.7
-
-
V
I/O Ports (P0, P2-P5), IOH = -10mA, VDD = 5.0V
Select Port drive ability normal mode (Code Option)
Output High Voltage 2
VOH2
VDD - 0.7
-
-
V
I/O Ports (P0, P2-P5), IOH = -18mA, VDD = 5.0V
Select Port drive ability large mode (Code Option)
Output High Voltage 3
VOH3
VDD - 0.7
-
-
V
I/O Ports (P1), IOH = -10mA, VDD = 5.0V
Select Port1 drive ability normal mode (Code Option)
Output High Voltage 4
VOH4
VDD - 0.7
-
-
V
I/O Ports (P1), IOH = -18mA, VDD = 5.0V
Select Port1 drive ability large mode (Code Option)
Output Low Voltage1
VOL1
-
-
GND + 0.6
V
I/O Ports (P0, P1, P2, P4, P5)
IOL = 15mA, VDD = 5.0V
Output Low Voltage2
VOL2
-
-
GND + 0.6
V
I/O Ports (P3), IOL = 15mA, VDD = 5.0V
Select Port3 drive ability normal mode (Code Option)
large drive port sink
current capability
IOL
120
140
-
mA
I/O Ports (P3), VDD = 5.0V, VOL = GND + 1.5V
Select Port3 drive ability large mode (Code Option)
LCD output resister
RON
-
5
-
k
Ω
SEG1 - 28, COM1 - 8, VDD = 3.6V - 5.0V
The voltage variation of V1, V2, V3 is less than 0.2V
Note:
(1) "*" Indicates that the typical value is measured at 5.0V, 25°C, unless otherwise noted.
(2) Maximum current value flowing through VDD 5.0V, 25°C must be less than 150mA.
(3) Maximum current value flowing through GND 5.0V, 25°C must be less than 200mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com