công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDP83TG720SWCSTQ1 bảng dữ liệu(PDF) 121 Page - Texas Instruments

tên linh kiện PDP83TG720SWCSTQ1
Giải thích chi tiết về linh kiện  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 bảng dữ liệu(HTML) 121 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 117Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 118Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 119Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 120Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 121Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 122Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 123Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 124Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 199 page
background image
7.6.2.64 PRBS_STATUS_1 Register (Address = 0x618) [reset = 0x0]
PRBS_STATUS_1 is shown in Table 7-87.
Return to the Summary Table.
Table 7-87. PRBS_STATUS_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
8b00000000 Reserved
7-0
prbs_err_ov_cnt
R
8b00000000 Holds number of error counter overflow that received by the PRBS
checker. Value in this register is locked when write is done to register
prbs_status_6 bit[0] or bit[1]. Counter stops on 0xFF. Note: when
PRBS counters work in single mode, overflow counter is not active
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More