| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDP83TG720SWCSTQ1 bảng dữ liệu(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PDP83TG720SWCSTQ1 bảng dữ liệu(HTML) 48 Page - Texas Instruments |
|
48 / 199 page ![]() The following table describes the DP83TG720S-Q1 configuration bootstraps: Table 7-17. 2-level Bootstraps PIN NAME PIN NO. STRAP MODE STRAP FUNCTION DESCRIPTION RX_D0 26 1 (default) MAC[0] = 0 MAC Interface Selection [0]. Refer to Table 7-18 for full description. 2 MAC[0] = 1 RX_D1 25 1 (default) MAC[1] = 0 MAC Interface Selection [1]. Refer to Table 7-18 for full description. 2 MAC[1] = 1 RX_D2 24 1 (default) MAC[2] = 0 MAC Interface Selection [2]. Refer to Table 7-18 for full description. 2 MAC[2] = 1 LED_0 1 1 (default) MS = 0 MDI Master Slave Select. MS = 0 Slave MS = 1 Master 2 MS = 1 LED_1 6 1 (default) AUTO = 0 Autonomous Disable AUTO = 0 Autonomous AUTO = 1 Managed 2 AUTO = 1 DP83TG720S-Q1 SNLS604 – SEPTEMBER 2020 www.ti.com 48 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated |