công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDP83TG720SWCSTQ1 bảng dữ liệu(PDF) 107 Page - Texas Instruments

tên linh kiện PDP83TG720SWCSTQ1
Giải thích chi tiết về linh kiện  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 bảng dữ liệu(HTML) 107 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 103Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 104Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 105Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 106Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 107Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 108Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 109Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 110Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 199 page
background image
7.6.2.51 OAM_CFG Register (Address = 0x55C) [reset = 0x0]
OAM_CFG is shown in Table 7-74.
Return to the Summary Table.
Table 7-74. OAM_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-2
RESERVED
R
14b0000000
0000000
Reserved
1
cfg_rx_oam_crc_data_in_
order
R/W
1b0
Reverse order of data input to CRC checker in rx oam to MSB first
1b0 = Order of data input to CRC checker in rx oam is LSB first
1b1 = Order of data input to CRC checker in rx oam is MSB first
0
cfg_tx_oam_crc_data_in_
order
R/W
1b0
Reverse order of data input to CRC calculator in tx oam to MSB first
1b0 = Order of data input to CRC calculator in tx oam is LSB first
1b1 = Order of data input to CRC calculator in tx oam is MSB first
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More